Part Number Hot Search : 
00ETTT MOC3081 54001823 MBRB735 TEMT1000 TDA73 AM29F40 1N400
Product Description
Full Text Search
 

To Download 2SK3216-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3216-01
N-CHANNEL SILICON POWER MOS-FET
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
FUJI POWER MOS-FET
TO-220AB
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
3. Source
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Item Symbol Drain-source voltage VDS Continuous drain current ID Pulsed drain current ID(puls] Gate-source voltage VGS Maximum Avalanche Energy EAV *1 Max. power dissipation Ta=25C PD Tc=25C PD Operating and storage Tch temperature range Tstg Rating 100 50 200 30 464 1.67 135 +150 -55 to +150 Unit V A A V mJ W W C C
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
*1 L=298H, Vcc=24V
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf IAV VSD trr Qrr Test Conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=100V VGS=0V VGS=30V VDS=0V ID=25A VGS=10V ID=25A VDS=25V VDS=25V VGS=0V f=1MHz VCC=48V ID=50A VGS=10V RGS=10 L=100H Tch=25C IF=50A VGS=0V Tch=25C IF=50A VGS=0V -di/dt=100A/s Tch=25C 50 0.97 150 0.80 1.46
Min.
100 2.5 Tch=25C Tch=125C
Typ.
3.0 1 0.1 10 20 32.0 3200 760 230 23 130 110 65
Max.
3.5 100 0.5 100 25 4800 1140 345 35 195 165 100
Units
V V A mA nA m S pF
16.0
ns A V ns C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
0.93 75.0
Units
C/W C/W
1
2SK3216-01
Characteristics
Power Dissipation PD=f(Tc)
150 10
FUJI POWER MOSFET
Safe operating area ID=f(VDS):Single Pulse(D=0),Tc=25C
3
t= 125 10 100 D.C.
2
1s 10s
100s
PD [W]
ID [A]
75
10
1
1ms
10ms 100ms 10
0
50
t D= T t T
25
0 0 25 50 75 100 125 150
10
-1
10
-1
10
0
10
1
10
2
10
3
Tc [C]
VDS [V]
Typical output characteristics ID=f(VDS):80s pulse test,Tc=25C
125 VGS=20V 15V 10V 7.0V 100 6.5V 100
Typical transfer characteristics ID=f(VGS):80s pulse test,VDS=25V,Tch=25C
75
ID [A]
6.0V
ID [A]
5
10
50 5.5V 1 25 5.0V
4.5V 0 0.1
0
1
2
3
4
0
2
4
6
8
10
VDS [V]
VGS [V]
Typical forward transconductance gfs=f(ID):80s pulse test,VDS=25V,Tch=25C
10
2
Typical Drain-Source on-State Resistance RDS(on)=f(ID):80s pulse test,Tch=25C
0.08 VGS= 4.5V 0.07 5.0V 5.5V 6.0V
0.06 10
1
0.05
RDS(on) [ ]
6.5V
gfs [s]
0.04 7.0V 0.03
10
0
0.02
10V 15V 20V
0.01
10
-1
0.00 10
-1
10
0
10
1
10
2
0
20
40
60
80
100
120
ID [A]
ID [A]
2
2SK3216-01
Drain-source on-state resistance RDS(on)=f(Tch):ID=25A,VGS=10V
80 5.0 4.5 4.0 60 3.5 50
FUJI POWER MOSFET
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=1mA
70
max. 3.0
RDS(on)[m ]
VGS(th) [V]
typ. 2.5 2.0 1.5 min.
40 max. 30 typ. 20
1.0 10 0.5 0.0 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150
0
Tch [C]
Tch [C]
Typical capacitances C=f(VDS):VGS=0V,f=1MHz
100n 100 90
Typical Gate Charge Characteristics VGS=f(Qg):ID=50A,Tch=25C
25
VDS 80 70 10n Vcc=80V 60
VGS
20
15
VGS [V]
VDS [V]
C [F]
50V 20V
50 40 10
Ciss
1n Coss 30 20 Crss 10 100p 10 0 0 20 40 60 80 100 120 140 160 0 5
-2
10
-1
10
0
10
1
10
2
VDS [V]
Qg [nC]
Typical Forward Characteristics of Reverse Diode -ID=f(VSD):80s pulse test,Tch=25C
100 90 80 70 10 60
3
Typical Switching Characteristics vs. ID t=f(ID):Vcc=48V,VGS=10V,RG=10
10
4
-ID [A]
50 40
t [ns]
td(off)
2
10 30 20 10V 10 0 0.0 5V VGS=0V
tf tr td(on) 10 -1 10
1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
0
10
1
10
2
VSD [V]
ID [A]
3
2SK3216-01
Maximum Avalanche Current vs. starting Tch I(AV)=f(starting Tch),Non Repetitive
70
FUJI POWER MOSFET
Transient Thermal Impedance Zth(ch-c)=f(t):D=t/T
10
1
60
10
50
0
D=0.5
Zth(ch-c) [C/W]
0.2 10
-1
0.1 0.05 0.02
40 I(AV) [A]
30
10
20
-2
0.01 0
t D= T t T
10
10 -6 10
-3
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
0 0 25 50 75 100 125 150
Starting Tch [C]
Maximum Avalanche energy vs. starting Tch Eas=f(starting Tch):Vcc=24V,I <=50A,Non-Repetitive AV
600
500
400
Eas [mJ]
300
200
100
0 0 25 50 75 100 125 150
Starting Tch [C]
4


▲Up To Search▲   

 
Price & Availability of 2SK3216-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X